PART |
Description |
Maker |
ISL9012IRFDZ-T ISL9012IRCJZ-T ISL9012IRMGZ-T ISL90 |
Dual LDO with Low Noise, Low IQ, and High PSRR; Temperature Range: -40°C to 85°C; Package: 10-DFN T&R DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO10
|
Intersil, Corp.
|
NCV4276ADSADJR4G NCV4276DSADJR4G NCV4276DS33G NCV4 |
400 mA Low−Drop Voltage Regulator 2.5 V-20 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PSSO5 400 mA Low−Drop Voltage Regulator 3.3 V FIXED POSITIVE LDO REGULATOR, 1.332 V DROPOUT, PSSO5 400 mA Low−Drop Voltage Regulator 1.8 V FIXED POSITIVE LDO REGULATOR, 2.772 V DROPOUT, PSSO5
|
ON Semiconductor
|
ISL9021IRUWZ-T ISL9021IRUPZ-T ISL9021IRUYZ-T ISL90 |
250mA Single LDO with Low IQ, Low Noise and High PSRR LDO; Temperature Range: -40°C to 85°C; Package: 6-uTDFN T&R FIXED POSITIVE LDO REGULATOR, PDSO6 FIXED POSITIVE LDO REGULATOR, PBGA4
|
Intersil Corporation http:// Intersil, Corp. Vicor, Corp.
|
EP1810GI-25 EP1810JI-25 EP1810JC-20 |
UV-Erasable/OTP Complex PLD Dual LDO with Low Noise, Low IQ, and High PSRR; Temperature Range: -40°C to 85°C; Package: 10-DFN T&R UV-Erasable/OTP复杂可编程逻辑器件
|
Vicor, Corp.
|
RE025 |
RE025 [Updated 2/03. 10 Pages] The RE025 is a Low Drop Out (LDO) voltage regulator macrocell with programmable 2.8V or 2.9V output voltages. rated A Low Drop Out (LDO) voltage regulator macrocell with programmable 2.8V or 2.9V output voltages, rated for loads of up to 30 mA. A typical application is radio section supply in mobile terminals.
|
Atmel
|
TLE4274 TLE4274DV50 TLE4274GV50 TLE4274GV85 TLE427 |
From old datasheet system Low-Drop Voltage Regulator 低压降稳压器 Low-Drop Voltage Regulator 5 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PSSO2
|
SIEMENS[Siemens Semiconductor Group] SIEMENS AG
|
ENC270D-05B ENC390D-05B ENC470D-05B ENC560D-05B EN |
SMBus Accelerator (SMA); Temperature Range: -40°C to 85°C; Package: 5-SOT-23 T&R µP Supervisor with Watchdog Timer, Power-Fail Comparator, Manual Reset and Adjustable Power-On Reset; Temperature Range: -40°C to 85°C; Package: 8-PDIP Dual LDO with Low Noise, Very High PSRR, and Low IQ; Temperature Range: -40°C to 85°C; Package: 10-DFN 5 Ld Voltage Supervisors with Adjustable Power-On Reset, Dual Voltage Monitoring or Watchdog Timer Capability; Temperature Range: -40°C to 85°C; Package: 5-SOT-23 T&R Dual LDO with Low Noise, Very High PSRR, and Low IQ; Temperature Range: -40°C to 85°C; Package: 10-DFN 性病检验手 STD MOV 性病检验手
|
TE Connectivity, Ltd. ZF Electronics, Corp.
|
ISL9000AIRJRZ ISL9000AIRJMZ ISL9000AIRJCZ ISL9000A |
Dual LDO with Low Noise, Very High PSRR, and Low IQ DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO10
|
Intersil, Corp.
|
ISL9000AMRNCEP |
Dual LDO with Low Noise, Very High PSRR and Low IQ DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO10
|
Intersil, Corp.
|
ISL9014IRBBZ |
Dual LDO with Low Noise, Low IQ, and High PSRR DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO10
|
Intersil, Corp.
|
LX8385-00CP LX8385-00IP LX8385-00CDD LX8385-00IDD |
1.2 V-8 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO2 1.2 V-8 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSFM3 3.3 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO2 Low Drop Out Regulator - Positive Fixed; Package: TO-263_Power; IO (A): 3; VIN (V): 10; DV: 1.5; 5 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO2 Low Drop Out Regulator - Positive Fixed; Package: TO-263_Power; IO (A): 3; VIN (V): 10; DV: 1.3; 5 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO2 Positive Adjustable Voltage Regulator Analog IC THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS Low Drop Out Regulator - Positive Adjustable
|
MICROSEMI CORP-ANALOG MIXED SIGNAL GROUP Microsemi, Corp.
|